PART |
Description |
Maker |
IR21834 |
High and Low Side Driver, SoftTurn-On, Low Side Inverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground, Programmable Deadtime in a 14-pin DIP package
|
International Rectifier
|
MPIC2131 MPIC2131P MPIC2131_D ON2314 |
3 HIGH SIDE & 3 LOW SIDE DRIVER 3 HIGH SIDE & 3 LOW SIDE DRIVER From old datasheet system
|
Motorola, Inc. ON Semi MOTOROLA[Motorola, Inc]
|
RIC7113A4 |
RadHard High and Low Side 400V MOSFET and IGBT Gate Driver RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
|
IRF[International Rectifier]
|
IDT6168LAE IDT6168SAE IDT6168SART |
x4 SRAM x4SRAM High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package x4的SRAM
|
TE Connectivity, Ltd.
|
IR2131S IR2131STR IR2131J IR2131JTR |
3 Phase Driver. Inverting Input. Independent High and Low Side. 700ns Deadtime in a 28-lead SOIC package 3相驱动程序。反相输入。独立的高端和低端。死区时00ns28引脚SOIC封装 3 Phase Driver, Inverting Input, Independent High and Low Side, 700ns Deadtime in a mod. 44-lead PLCC package 3 Phase Driver, Inverting Input, Independent High and Low Side, 700ns Deadtime in a 28-pin DIP package 3 Phase Driver, Inverting Input, Independent High and Low Side, 700ns Deadtime in a 28-lead SOIC package
|
Fairchild Semiconductor, Corp. International Rectifier
|
DGD2181 DGD2181S8-13 |
HIGH-SIDE AND LOW-SIDE GATE DRIVER IN SO-8
|
Diodes Incorporated
|
IR2101S IR2101SPBF IR2102S IR2101 IR2102 IR2101PBF |
High and Low Side Driver, Inverting Inputs in a 8-lead SOIC package High and Low Side Driver, Noninverting Inputs in a 8-lead SOIC package High and Low Side Driver, Noninverting Inputs in a 8-pin DIP package High and Low Side Driver, Inverting Inputs in a 8-pin DIP package
|
IRF[International Rectifier]
|
LTC4446EMS8E-PBF LTC4446EMS8E-TRPBF LTC4446IMS8E-P |
High Voltage High Side/ Low Side N-Channel MOSFET Driver High Voltage High Side/Low Side N-Channel MOSFET Driver
|
Linear Technology http://
|
TLE7810G |
Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (16kB Flash)
|
Infineon Technologies AG
|
TTLDM-65 LPSLDM-65 LDM-ACT-70 SMLDM-TTL-25 MDLDM-T |
3.3V Dual Micropower High-Side/Low-Side MOSFET Driver; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Quad High Side Micropower MOSFET Driver with Internal Charge Pump; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C Tapped Delay Line 抽头延迟
|
Intersil, Corp. Analog Devices, Inc. TE Connectivity, Ltd. Microsemi, Corp. Microchip Technology, Inc.
|
L9348 L9348-DIE1 L9348-TR |
Relay, DPDT, 16 Amp, Dual Coil,24A RoHS Compliant: Yes CAP CER 1500PF 3.15KVDC R3 RAD QUAD LOW SIDE DRIVER QUAD LOW SIDE DRIVER
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|